PART |
Description |
Maker |
ADUCM330 ADUCM330WDCPZ ADUCM330WDCPZ-RL ADUCM331WD |
Dual channel, simultaneous sampling
|
Analog Devices
|
EVAL-AD7654CB |
Dual, 2-Channel, Simultaneous Sampling, PulSAR®, 500 kSPS, 16-Bit ADC
|
Analog Devices
|
AD7653 AD7654ASTZ AD7621 AD7650 AD7679 AD7641 AD76 |
16-Bit, 500 kSPS PulSAR? Dual, 2-Channel, Simultaneous Sampling ADC 16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC 16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC 16-Bit, 500 kSPS PulSAR? Dual, 2-Channel, Simultaneous Sampling ADC
|
Analog Devices
|
AD7616-P AD7616-PBSTZ AD7616-PBSTZ-RL EVAL-AD7616- |
16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
|
Analog Devices
|
MAX131608 MAX1324ECM MAX1321ECM MAX1322 MAX1320ECM |
8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 卤10V, 卤5V, and 0 to 5V Analog Input Ranges 8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
|
Maxim Integrated Products
|
S29CD016G0PQAI002 S29CD016G0MFAN001 S29CD016G0MFAN |
16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory 512K X 32 FLASH 2.7V PROM, 54 ns, PBGA80 16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory 16兆位12亩32位)的CMOS 2.5伏特,只有突发模式,双启动,同步写闪 16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory 512K X 32 FLASH 2.7V PROM, 67 ns, PBGA80 16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
|
Spansion Inc. Spansion, Inc. SPANSION LLC
|
CY7C09359A-6AC CY7C09349A-9AC CY7C09359A-9AC CY7C0 |
4K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 True dual-ported memory cells which allow simultaneous access of the same memory location
|
CYPRESS SEMICONDUCTOR CORP
|
MAX11046ETN MAX11045 |
4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
|
Maxim Integrated Products
|
MAX11045 |
4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
|
Maxim Integrated Products
|
AD7357 |
Differential Input, Dual, Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
|
Analog Devices
|
|